Part Number Hot Search : 
4T33T TGA45 OM9375 5101A MISTRAL 2N6232 TW1128 220KR
Product Description
Full Text Search
 

To Download VLMW1500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  VLMW1500 www.vishay.com vishay semiconductors rev. 1.0, 21-may-12 1 document number: 82522 for technical questions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ultrabright 0402 chipled description the new 0402 chipled series have been designed in the smallest smd package. this innovative 0402 chipled technology opens the way to ? smaller products of higher performance ? more design in flexibility ? enhanced applications the 0402 led is an obvious solution for small-scale products that are expected to work reliably in an arduous environment. this package is filled with a mixture of epoxy and yellow converter. this yellow converter converts th e blue emission partially to yellow, which mixes the remaining blue to give white. product group and package data ? product group: led ? package: smd 0402 chipled ? product series: standard ? angle of half intensity: 65 features ? high efficient ingan technology ? super thin chipled with exceptional brightness 1.0 mm x 0.5 mm x 0.35 mm (l x w x h) ? high reliability pcb based ? temperature range + 30 c to + 80 c ? chromaticity coordinate categorized according to cie 1931 per packing unit ? typical color temperature 7000 k ? eia standard package ? compatible to ir reflow soldering ? available on 7" diameter reel ? preconditioning: accordi ng to jedec level 2a ? esd-sensitive device ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? telecommunication: indica tor and backlighting in telephone and fax ? backlighting for audio and video equipment ? backlighting in office equipment ? indoor and outdoor message boards ? flat backlight for lcds, switches and symbols parts table part color luminous intensity (mcd) at i f (ma) coordinate (x, y) forward voltage (v) technology min. typ. max. min. typ. max. min. typ. max. VLMW1500-gs08 white 45 - 180 5 - 0.294, 0.286 - 2.55 - 3.15 ingan/ yellow converter absolute maximum ratings (t amb = 25 c, unless otherwise specified) VLMW1500 parameter test condition symbol value unit dc forward current t amb 25 c i f 20 ma surge forward current t p 10 s i fsm 0.1 a power dissipation p v 70 mw operating temperature range t amb + 30 to + 80 c storage temperature range t stg - 55 to + 105 c thermal resistance junction/ambient r thja 550 k/w
VLMW1500 www.vishay.com vishay semiconductors rev. 1.0, 21-may-12 2 document number: 82522 for technical questions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) driving the led in reverse direction is suitable for short term application note ? luminous intensity is tested at a current pulse duration of 25 ms and an accuracy of 15 %. the above type numbers represent the order groups which include only a few brightness groups. only one group will be shipped on each reel (t here will be no mixing of two groups on each reel). in order to ensure availability, single brightness groups will not be orderable. in a similar manner for colors where wavelength groups are measured and binned, si ngle wavelength grou ps will be shipped in any one reel. in order to ensure availability, single wavelength groups will not be orderable. note ? forward voltage is measured with a tolerance of 0.1 v. note ? chromaticity coordinate groups are tested at a current pulse duration of 25 ms and a tolerance of 0.01. optical and electrical characteristics (t amb = 25 c, unless otherwise specified) VLMW1500, white parameter test condition symbol min. typ. max. unit luminous intensity i f = 5 ma i v 45 - 180 mcd chromatically co ordinate x acc. to cie 1931 i f = 5 ma x - 0.294 - chromaticall y coordinate y ac c. to cie 1931 i f = 5 ma y - 0.286 - angle of half intensity i f = 5 ma ? - 65- deg forward voltage i f = 5 ma v f 2.55 - 3.15 v reverse current (1) v r = 5 v i r -10-a luminous intensity classification group luminous intensity (mcd) at 5 ma min. max. p4571 q 71 112 r 112 180 forward voltage classification group forward voltage (v) min. max. v1 2.55 2.65 v2 2.65 2.75 v3 2.75 2.85 v4 2.85 2.95 v5 2.95 3.05 v6 3.05 3.15 chromaticity coordinated groups for white smd led xy xy s1 0.274 0.226 s4 0.294 0.286 0.274 0.258 0.294 0.319 0.294 0.286 0.314 0.347 0.294 0.254 0.314 0.315 s2 0.274 0.258 s5 0.314 0.282 0.274 0.291 0.314 0.315 0.294 0.319 0.334 0.343 0.294 0.286 0.334 0.311 s3 0.294 0.254 s6 0.314 0.315 0.294 0.286 0.314 0.347 0.314 0.315 0.334 0.376 0.314 0.282 0.334 0.343
VLMW1500 www.vishay.com vishay semiconductors rev. 1.0, 21-may-12 3 document number: 82522 for technical questions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 typical characteristics (t amb = 25 c, unless otherwise specified) fig. 1 - forward current vs. ambient temperature fig. 2 - relative intensity vs. wavelength fig. 3 - forward current vs. forward voltage fig. 4 - relative luminous intensity vs. forward current fig. 5 - rel. luminous inte nsity vs. ambient temperature fig. 6 - coordinates of colorgroups 0 5 10 15 20 25 0 20406080100 t amb ambient temperature (c) i f - forward current (a) 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 400 450 500 550 600 650 700 750 800 - wavelength (nm) i rel - relative inten s ity 0 10 20 30 40 50 2.5 3.0 3.5 4.0 4.5 5.0 v f - forward voltage (v) i f - forward current (ma) 0 1 2 3 4 0 10203040 i f - forward current (ma) relative luminou s inten s ity normalized at 5 ma 0.1 1 10 0 1020304050607080 t amb - ambient temperature (c) i rel - relative luminou s inten s ity 0.20 0.22 0.24 0.26 0.28 0.30 0.32 0.34 0.36 0.38 0.40 0.25 0.27 0.29 0.31 0.33 0.35 x-coordinate s of colorgroup s y-coordinate s of colorgroup s s2 s3 s4 s5 s6 s1
VLMW1500 www.vishay.com vishay semiconductors rev. 1.0, 21-may-12 4 document number: 82522 for technical questions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 7 - relative luminous in tensity vs. angular displacement reel dimensions in millimeters 0.4 0.2 0 95 10319 0.6 0.9 0.8 0 30 10 20 40 50 60 70 80 0.7 1.0 i v rel - relative luminous intensity ? - angular displacement 9.4 1.5 ? 13 ? 60 1 ? 178 2 technical drawing s according to din s pecication s drawing-no.: 9.800-5122.01-4 i ss ue: 2; 03.11.11 22611
VLMW1500 www.vishay.com vishay semiconductors rev. 1.0, 21-may-12 5 document number: 82522 for technical questions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 tape dimensions in millimeters a - a (5:1) a a technical drawing s according to din s pecication. u s er feed direction drawing-no.: 9.700-5388.01-4 i ss ue: 1; 20.03.12 0 . 2 0 . 4 5  0 . 0 5 cathode 8 + 0.3 - 0.1 3.5 0.05 4 0.1 ? 0.4 4 0.1 2 0.05 ? 1.55 0.05 1.75 0.1
VLMW1500 www.vishay.com vishay semiconductors rev. 1.0, 21-may-12 6 document number: 82522 for technical questions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions in millimeters soldering profile fig. 8 - v ishay lead (pb)-free reflow soldering profile (according to j-std-020c) recommended s older pad footprint technical drawing s according to din s pecication not indicated tolerance s 0.2 drawing-no.: 6.541-5096.01-4 i ss ue: 1; 20.03.12 0.325 0 . 5 0.6 1.55 0 . 7 0 . 3 5 1 0.325 cathode 0 50 100 150 200 250 300 0 50 100 150 200 250 300 time (s) temperature (c) 255 240 c 245 c max. 260 c max. 120 s max. 100 s 217 c max. 30 s max. ramp up 3 c/s max. ramp do w n 6 c/s 255 c 19470-4 ir reflo w soldering profile for lead (p b )-free soldering preconditioning acc. to jedec level 2 max. 2 cycles allo w ed
VLMW1500 www.vishay.com vishay semiconductors rev. 1.0, 21-may-12 7 document number: 82522 for technical questions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 bar code product label (example) a) 2d barcode b) partno = vishay part number c) qty = quantity d) selcode = selection code (binning) e) ptc = code of manufacturing plant f) batch = date code: year/week/plant code g) region code h) sl = sales location i) terminations finishing j) lead (pb)-free symbol k) halogen-free symbol l) rohs symbol dry packing the reel is packed in an an ti-humidity bag to protect the devices from absorbing moisture during transportation and storage. final packing the sealed reel is packed into a cardboard box. a secondary cardboard box is used for shipping purposes. recommended method of storage dry box storage is recommended as soon as the aluminum bag has been opened to prev ent moisture absorption. the following conditions should be observed, if dry boxes are not available: ? storage temperature 10 c to 30 c ? storage humidity 60 % rh max. after more than 672 h under these conditions moisture content will be too high for reflow soldering. in case of moisture absorption , the devices will recover to the former condition by drying under the following condition: 192 h at 40 c + 5 c/- 0 c and < 5 % rh (dry air/nitrogen) or 96 h at 60 c + 5 c and < 5 % rh for all device containers or 24 h at 100 c + 5 c not suitable for reel or tubes. an eia jedec standard jesd22-a112 level 2a label is included on all dry bags. example of jesd22-a1 12 level 2a label esd precaution proper storage and handling pro cedures should be followed to prevent esd damage to the devices especially when they are removed from the antistatic shielding bag. electro-static sensitive devices warning la bels are on the packaging. vishay semiconductors standard bar code labels the vishay semiconductors standard bar code labels are printed at final packing areas. the labels are on each packing unit and contain vishay semiconductors specific data. a b d c e f g h i m l k aluminum bag label reel 15973 l e v e l caution this bag contains moisture ? sensitive devices 1. shelf life in sealed bag 12 months at <40c and < 90% relative humidity (rh) 2. after this bag is opened devices that will be subjected to infrared reflow, vapor - phase reflow, or equivalent processing (peak package body temp. 260c) must be: a) mounted within 672 hours at factory condition of < 30c/60%rh or b) stored at <1 0% rh. 3. devices require baking before mounting if: a) humidity indicator card is >10% when read at 23c + 5c or b) 2a or 2b is not met. 4. if baking is required, devices may be baked for: 192 hours at 40c + 5c/ - 0c and <5%rh (dry air/nitrogen) or 96 hours at 605 o cand <5%rh for all device containers or 24 hours at 1005c not suitable for reels or tubes bag seal date: ______________________________ (if blank, see bar code label) note: level defined by eia jedec standard jesd22 - a113 2a 19786
legal disclaimer notice www.vishay.com vishay revision: 12-mar-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products no t expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale , including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding th e design or manufacture of the part. please contact authorized vishay personnel t o obtain written terms and conditions regardin g products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu.


▲Up To Search▲   

 
Price & Availability of VLMW1500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X